Part Number Hot Search : 
LCA05C BB501C BYV15 AS7C3 BAR43C P100N DT70V 2N4029
Product Description
Full Text Search
 

To Download EPC-1300-022-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photodiode-Chip
16.05.2008 Wavelength range Infrared
220
EPC-1300-0.22-1
rev. 08 Electrodes P (anode) up Type Planar Technology InGaAs/InP
typ. dimensions in m typ. thickness 330 (20) m Description
Infrared-selective photodiode with response range in the NIR-region (800 - 1750 nm)
460 20
150
1
anode (pin 1) bond gold 1.0 m
100
110
cathode (rear*) gold alloy, 0.5 m
Applications
Optical communications, safety equipment, light barriers
110 2 460 20
100
*also pin 2, for measuring purposes
Miscellaneous Parameters
Tamb = 25 unless otherwise specified C, Parameter Active area Operating temperature range Storage temperature range Temperature coefficient of ID T = -40...120 C Test onditions Symbol A Tamb Tstg TC(ID) Value 0.032 -40 to +125 -40 to +125 7.4 Unit mm C C %/K
Optical and Electrical Characteristics
Tamb = 25 unless otherwise specified C, Test Parameter conditions IF = 10 mA Forward voltage Breakdown voltage2) Sensitivity range at 10 % Spectral bandwidth at 50 % Responsivity at 1300 nm Dark current Shunt resistance Noise equivalent power Specific detectivity Junction capacitance
1) 1)
Symbol VF VR 0,5 S ID RSH NEP D* CJ
Min
Typ 1.7
Max
Unit V V
IR = 10 A VR = 0 V VR = 0 V VR = 0 V VR = 5 V VR = 10 mV =1300 nm = 1300 nm VR = 0 V
5 800 680 0.9 30 3 5 4.0x10-15 4.5x10 11
12
1750
nm nm A/W
200
pA G
W/ Hz
cm Hz W -1
pF
measured on bare chip on TO-18 header 2) for information only
Labeling
Type EP-1300-0.22-1 Typ. ID [pA] Typ. S[A/W] Lot N Quantity
Packing: Chips on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each application by the customers themselves. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 1 of 2 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
Photodiode-Chip
16.05.2008
EPC-1300-0.22-1
rev. 08
T y p ic a l O p tic a l R e s p o n s iv ity 1 ,0 0 ,8 Responsivity (A/W) 0 ,6 0 ,4 0 ,2 0 ,0 400 600 800 1000 1200 1400 1600 1800 W a v e le n g th [n m ]
D a rk C u rre n t v s . A m b ie n t T e m p e ra tu re
100
Dark Current [nA]
T K = 0 .7 4 % /K
10
1
20
40
60
80
100
120
A m b ie n t T e m p e ra tu re [C ]
S h o rt-C irc u it C u rre n t v s . A m b ie n t T e m p e ra tu re [T C ] Short-Circuit Current [arb. units]
1 ,0 4 1 ,0 2 1 ,0 0 0 ,9 8 0 ,9 6 0 ,9 4 0 ,9 2 0 ,9 0
T C (I S H ) = -0 .3 7 % /K
0
20
40
60
80
100
120
140
A m b ie n t T e m p e ra tu re [C ]
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each application by the customers themselves. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 2 of 2 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545


▲Up To Search▲   

 
Price & Availability of EPC-1300-022-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X